Part Number Hot Search : 
F45IT CHL8228G V271HB34 ATMEGA3 DAN403 AV99S MAX14 00H03
Product Description
Full Text Search
 

To Download NRE-SNR47M6363X7F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non-Polar Aluminum Electrolytic Capacitors
LOW PROFILE, SUB-MINIATURE, RADIAL LEADS, NON-POLAR ALUMINUM ELECTROLYTIC FEATURES * BI-POLAR * 7mm HEIGHT / LOW PROFILE CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 1 minutes At +20C Surge Voltage & Max. Tan @ 120Hz/+20C Low Temperature Stability (Impedance Ratio @ 120Hz) Load Life Test at Rated W.V. +85C 1,000 Hours (Polarity Shall Be Reversed Every 250 Hours 6.3 ~ 50Vdc 0.1 ~ 47F -40 ~ +85C 20%(M) 0.05CV or 10A whichever is greater W.V. (Vdc) S.V. (Vdc) Tan Z-25C/Z+20C Z-40C/Z+20C Capacitance Change Tan Leakage Current 6.3 8 0.24 4 8
NRE-SN Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
10 16 25 35 50 13 20 32 44 63 0.20 0.16 0.16 0.14 0.12 3 2 2 2 2 6 4 4 3 3 Within 25% of initial measured value Less than 200% of specified maximum value Less than specified maximum value
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85C)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 6.3 42 55 10 24 40 56 67 Working Voltage (Vdc) 16 25 35 10 18 16 20 22 30 35 37 51 53 63 68 50 1.0 2.5 3.5 5.0 10 14 20 27 -
MAXIMUM ESR ( AT 120Hz AND 20C)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 6.3 12.1 8.47 Working Voltage (Vdc) 10 16 25 35 105.6 80.4 70.4 56.5 49.4 33.2 26.6 26.6 23.2 15.1 9.09 9.09 10.1 8.05 7.06 5.65 50 1990 905 604 424 199 90.5 60.4 42.4 -
STANDARD PRODUCTS AND CASE SIZE TABLE D x L (mm)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 Code R10 R22 R33 R47 1R0 2R2 3R3 4R7 100 220 330 470 6.3 5x7 5x7 6.3x7 Working Voltage (Vdc) 10 16 25 35 4x7 4x7 5x7 4x7 5x7 4x7 4x7 5x7 6.3x7 5x7 6.3x7 6.3x7 6.3x7 6.3x7 6.3x7 6.3x7 50 4x7 4x7 4x7 4x7 4x7 5x7 5x7 6.3x7 -
LEAD SPACING AND DIAMETER (mm)
4 5 6.3 Case Dia. (D) Lead Dia. (d) 0.45 0.45 0.45 Lead Space (F) 1.5 2.0 2.5
Insulation Sleeve d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NRE-SN 101 M 25V 8X11 F.............. RoHS Compliant Case Size (D x L) (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series
PART NUMBER SYSTEM
88
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRE-SNR47M6363X7F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X